Part Number Hot Search : 
SC284 OP240A MJ160 LS98N OP240A SMCJ90A S7241 RJP40
Product Description
Full Text Search
 

To Download SB20100CT-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB20100CT-E
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 100V CURRENT: 20.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C Halogen Free
TO-220AB
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Halogen Free Epoxy Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc=133 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 10A Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Ta =25 C Ta =110 C (Note 1) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tj Tstg SB20100CT-E 100 70 100 20 150 0.80 100 6.0 2.0 -65 to +150 units V V V A A V A mA C/W C
Operating Junction and Storage Temperature Ramge Note: 1.Thermal Resistance from Junction to Case
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB20100CT-E
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB20100CT-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X